PART |
Description |
Maker |
HA17432UA HA17432VLTP HA17432VUP HA17431VLP HA1743 |
Shunt Regulato
|
RENESAS[Renesas Electronics Corporation]
|
AD1583CRT-REEL7 AD1583ART-REEL7 AD1583BRT-REEL7 AD |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 2.5V Micropower, Precisions Series Mode Voltage References 3.0V Micropower, Precisions Series Mode Voltage References Voltage Reference, 2.7V to 12V Operating Supply, -5mA to 5mA Output Current 2.5 V to 5.0 V Micropower Precision Series Mode Voltage References 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 4.096V Micropower, Precisions Series Mode Voltage References
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
LT6656ACS6-1.25 LT6656ACS6-1.25PBF LT6656ACS6-1.25 |
1楼矛A Precision Series Voltage Reference 1渭A Precision Series Voltage Reference 1μA Precision Series Voltage Reference TWO TERM VOLTAGE REFERENCE, PDSO6 1μA Precision Series Voltage Reference
|
LINEAR TECHNOLOGY CORP
|
LT6656 LT6656ACS6-2.5 LT6656ACS6-2.5PBF LT6656ACS6 |
1楼矛A Precision Series Voltage Reference 1渭A Precision Series Voltage Reference 1μA Precision Series Voltage Reference
|
Linear Technology
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
93.732.5053.0 |
Connector; Gender:Male; No. of Contacts:8; Series:ST series ; Body Material:Thermoplastic; Connector Shell Size:64 x 66mm; Contact Plating:Tin; Operating Voltage:300V; Wire Size (AWG):22-12; Voltage Rating:300V RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
LES020ZG LES015ZH LES015ZJ LES015YG LES015YH LES01 |
15 Watt, input voltage range:36-75V, output voltage 2.5V,(3A) DC/DC converter LES SERIES - 15 WATT TV 2C 2#16 PIN WALL RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 61C 61#20 SKT RECP LES系列- 15
|
POWER-ONE[Power-One] Maxim Integrated Products, Inc.
|
LVT162245 74LVT162245 74LVT162245G 74LVT162245MEA |
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs LVT SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25? Series Resistors in A Port Outputs Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TS7812ACI TS7812ACZ TS7824 TS7824ACZ TS7800A TS780 |
Analog IC: Voltage Regulators (TS7800A Series) 3-Terminal Fixed Positive Voltage Regulator
|
ETC[ETC] List of Unclassifed Manufacturers Taiwan Semiconductor Company, Ltd
|
BY255 BY251 BY252 BY253 BY254 |
RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; 2:1 Wide GENERAL PURPOSE PLASTIC RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|